Part Number Hot Search : 
B15101ZB LA8205M SMAJ58 222E3 OM7815H L1652 ADP1101 AN2514S
Product Description
Full Text Search
 

To Download HPQ-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER SPLITTERS/COMBINERS
2 WAY-90
315 MHz to 1460 MHz
50
HPQ
MODELu NO.
NEW HPQ-04 HPQ-05 HPQ-05W HPQ-06 HPQ-06W HPQ-07 HPQ-08 HPQ-09 HPQ-09W HPQ-10 HPQ-10W HPQ-11 HPQ-12 HPQ-12W HPQ-15 HPQ-15W
FREQ. RANGE MHz
fL-fU 315-395 332-367 410 380 510 480 580 680 730 690 455 490 570 600 690 790 800 830
ISOLATION dB
INSERTION LOSS, dB Avg. of Coupled Outputs less 3 dB
Typ. 0.20 0.17 0.17 0.20 0.20 0.20 0.20 0.25 0.20 0.20 0.25 0.28 0.25 0.25 0.30 0.30 0.30 Max. 0.45 0.40 0.35 0.40 0.40 0.40 0.40 0.40 0.40 0.40 0.45 0.50 0.50 0.45 0.50 0.50 0.60
PHASE AMPLITUDE UNBALANCE UNBALANCE Degrees dB
Typ. 0.7 0.5 0.5 0.6 0.6 0.6 0.5 0.8 0.6 0.7 0.7 1.0 0.5 0.8 1.0 1.8 1.8 Max. 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 4.0 4.0 3.5 4.0 4.0 5.0 5.0 Typ. 1.0 0.5 0.5 1.1 0.5 0.9 0.8 0.6 0.6 1.1 0.5 0.85 0.4 0.5 Max. 1.6 1.0 1.0 1.6 1.2 1.6 1.6 1.6 1.2 1.6 1.2 1.6 1.2 1.2
VSWR (:1)
S Typ. 1.17 1.17 1.12 1.12 1.10 1.10 1.17 1.10 1.14 1.14 1.17 1.17 1.17 1.20 1.20 1.22 1.22 OUT Typ. 1.15 1.15 1.12 1.12 1.12 1.12 1.17 1.20 1.14 1.14 1.17 1.17 1.17 1.20 1.20 1.22 1.22
CASE STYLE
Typ. 24 24 25 25 26 26 24 24 25 24 22 22 23 21 21 19 19
Min. 18 19 20 20 18 18 18 18 20 20 17 16 18 16 16 15 15
Note B AT577 AT577 AT577 AT577 AT577 AT577 AT577 AT577 AT577 AT577 AT577 AT577 AT577 AT577 AT577 AT577
C O N N E C T I O N
PRICE $
Qty. (10-49) 6.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95
km km km km km km km km km km km km km km km km
900 - 970 880 - 1030 980 - 1070 990 - 1100 940 - 1130 1320 - 1430 1240 - 1460
0.8 1.6 0.35 1.2 0.8 1.6
see suggested PCB layout (PL-114) for HPQ models
features
l l l l l l
excellent amplitude and phase unbalance good insertion loss good isolation excellent input and output VSWR excellent unit-to-unit repeatability small size
applications
l l l
image rejection mixer wideband amplifier matching I&Q modulator
NOTES:
u A. B. C. 1. HPQ models, aqueous washable. Environmental specifications and re-flow soldering information available in General Information Section. Units are non-hermetic unless otherwise noted. For details on case dimensions & finishes see "Case Styles & Outline Drawings". Prices and Specifications subject to change without notice. Absolute maximum power, voltage and current ratings: 1a. Matched power rating ............ 1Watt
pin connections
see case style outline drawings PORT SUM PORT PORT 1 PORT 2 GND EXT. 50 OHM TERM. DEMO BOARD km 3 6 4 2,5 1 TB-43
Mini-Circuits
126
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED
030211
Mini-Circuits
Surface Mount 340 MHz to 2400 MHz
(R)
QBA (SM1L)
QBA (SM33)
MODELu NO.
QBA-07 QBA-12N* QBA-12* QBA-20* QBA-20W* QBA-24* QBA-24W*
FREQ. RANGE MHz
fL-fU 340-680 340-530 800-900 800-1200 1800-2000 1500-2200 1900-2400 1700-2400
ISOLATION dB
F INSERTION
LOSS, dB Avg. of Coupled Outputs less 3 dB
fL _
x 0.8 0.5 0.25 0.25 0.47 0.41 0.54 0.49
PHASE AMPLITUDE UNBALANCE UNBALANCE Degrees dB
Max. 7.0 4.0 3.0 6.0 4.0 5.0 6.0 6.0 Max. 2.0 2.0 1.0 1.2 0.7 1.2 0.8 1.2
CASE STYLE
Typ. 22 23 28 23 23 23 21 21
Min. 16 18 20 14 18 16 17 15
fU _
x 0.8 0.5 0.30 0.44 0.54 0.58 0.71 0.71
0.1 0.1 .02 .02 .02 .02 .02 .02
Note B SM1L SM33 SM33 SM33 SM33 SM33 SM33
C O N N E C T I O N
PCB PRICE $ Layout
PL004 004 004 004 004 004 004
Qty. (10-49) 6.95 6.95 6.95 6.95 6.95 6.95 6.95
lf lf lf lf lf lf lf
F Includes test fixture losses.
features
l l l l l l
low insertion loss, 0.25 dB typ. (QBA-12N) high power capability (50 watts for QBA-12N) high isolation, 28 dB typ. (QBA-12N) ceramic body, good for heat dissipation solder plated leads for excellent solderability QBA-07, hermetically sealed
applications
l l l
cellular instrumentation PCN
NOTES:
u * A. B. C. 1. QBA models, aqueous washable. BLUE CELLTM power splitters protected by U.S. Patents 5534830 & 5640699 Environmental specifications and re-flow soldering information available in General Information Section. Units are non-hermetic unless otherwise noted. For details on case dimensions & finishes see "Case Styles & Outline Drawings". Prices and Specifications subject to change without notice. Absolute maximum power, voltage and current ratings: 1a. Matched power rating, as splitters QBA-07, 21W max. (340-680 MHz) below 25C. Derate linearly to 9W at 100C. 27W max. (340-530 MHz) below 25C. Derate linearly to 12W at 100C. QBA-12N/-12, 50W max. below 25C. Derate linearly to 10W at 85C. QBA-20/-20W, 25W max. below 25C. Derate linearly to 5W at 85C. QBA-24/-24W, 20W max. below 25C. Derate linearly to 4W at 85C.
pin connections
see case style outline drawings PORT SUM PORT PORT 1 PORT 2 GND EXT. 50 OHM TERM. NOT USED DEMO BOARD lf 1 10(0) 6(-90) 2,3,4,7,8,9 5 -- TB-115
The Design Engineers Search Engine
Provides Actual Data Instantly At: http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models Consult Our Applications Dept.
127
020729


▲Up To Search▲   

 
Price & Availability of HPQ-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X